PART |
Description |
Maker |
85EPF02J 85EPF06J 85EPF02 85EPF04 85EPF04J 85EPF06 |
DIODE 85 A, 200 V, SILICON, RECTIFIER DIODE, TO-247AC, POWIRTAB-1, Rectifier Diode FAST SOFT RECOVERY RECTIFIER DIODE 200V Fast Recovery Diode in a PowIRtab package 600V Fast Recovery Diode in a PowIRtab package Dual, 2-Channel, Simultaneous Sampling, PulSAR®, 500 kSPS, 16-Bit ADC; Package: LFCSP 7x7mm (5.25EP); No of Pins: 48; Temperature Range: Industrial
|
Vishay Semiconductors IRF[International Rectifier]
|
30CPF06 30CPF04 30CPF02 30EPF04 30EPF06 30EPF02 |
FAST SOFT RECOVERY RECTIFIER DIODE 快速软恢复整流二极 200V Fast Recovery Diode in a TO-247AC (2-Pin) package 600V Fast Recovery Diode in a TO-247AC (2-Pin) package 400V Fast Recovery Diode in a TO-247AC (2-Pin) package 200V Fast Recovery Diode in a TO-247AC package 400V Fast Recovery Diode in a TO-247AC package 600V Fast Recovery Diode in a TO-247AC package
|
International Rectifier, Corp.
|
FFPF20U60 FFPF20U60S FFPF20U60STU |
20A/600V Ultra Fast Recovery Rectifier RECTIFIER DIODE,600V V(RRM),TO-220AC From old datasheet system ULTRA FAST RECOVERY POWER RECTIFIER
|
FAIRCHILD[Fairchild Semiconductor]
|
40EPF06 40EPF02 40EPF04 |
600V Fast Recovery Diode in a TO-247AC (2-Pin) package 400V Fast Recovery Diode in a TO-247AC (2-Pin) package 200V Fast Recovery Diode in a TO-247AC (2-Pin) package FAST SOFT RECOVERY RECTIFIER DIODE
|
International Rectifier
|
R5021010 R5020410 R5030410 R5031210 R5031010 R5020 |
1200V, 100A fast recovery single diode 1000V, 100A fast recovery single diode 800V, 100A fast recovery single diode 600V, 100A fast recovery single diode Fast Recovery Rectifier (100 Amperes Average 1200 Volts) 快速恢复整流器00安培平均1200伏特 Fast Recovery Rectifier (100 Amperes Average 1200 Volts) 100 A, 400 V, SILICON, RECTIFIER DIODE, DO-8 Fast Recovery Rectifier (100 Amperes Average 1200 Volts)
|
Powerex Power Semicondu... Powerex, Inc. POWEREX[Powerex Power Semiconductors] http://
|
60CPF06 60CPF02 60CPF04 60EPF04 60EPF06 |
600V Fast Recovery Diode in a TO-247AC package 200V Fast Recovery Diode in a TO-247AC package 400V Fast Recovery Diode in a TO-247AC package 400V Fast Recovery Diode in a TO-247AC (2-Pin) package 600V Fast Recovery Diode in a TO-247AC (2-Pin) package
|
International Rectifier
|
30BF..SERIES 30BF80 30BF10 30BF20 30BF40 30BF60 30 |
DIODE 3 A, SILICON, RECTIFIER DIODE, DO-214AB, Rectifier Diode SURFACE MOUNTABLE ULTRAFAST RECOVERY DIODE 表面贴装超快恢复二极 Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 800V 3A Ultra-Fast Discrete Diode in a SMC package 400V 3A Ultra-Fast Discrete Diode in a SMC package 600V 3A Ultra-Fast Discrete Diode in a SMC package 100V 3A Ultra-Fast Discrete Diode in a SMC package 200V 3A Ultra-Fast Discrete Diode in a SMC package
|
International Rectifier, Corp. IRF[International Rectifier] VISHAY SEMICONDUCTORS
|
RS2X-13-F RS2XA-13-F RS2D-13-F RS2JA-13-F RS2K-13- |
RECTIFIER FAST-RECOVERY SINGLE 1.5A 200V 50A-ifsm 1.3V-vf 150ns 5uA-ir SMB 5K/REEL-13 1.5 A, 200 V, SILICON, RECTIFIER DIODE RECTIFIER FAST-RECOVERY SINGLE 1.5A 600V 50A-ifsm 1.3V-vf 250ns 5uA-ir SMA 5K/REEL-13 1.5 A, 600 V, SILICON, RECTIFIER DIODE RECTIFIER FAST-RECOVERY SINGLE 1.5A 800V 50A-ifsm 1.3V-vf 500ns 5uA-ir SMB 5K/REEL-13 1.5 A, 800 V, SILICON, RECTIFIER DIODE 1.5A SURFACE MOUNT FAST RECOVERY RECTIFIER 1.5 A, 50 V, SILICON, RECTIFIER DIODE
|
Diodes Incorporated Diodes, Inc.
|
IRKCL132-06S10 IRKDL132-06S10 IRKEL132-06S10 IRKJL |
600V Fast Recovery Diode in a INT-A-Pak package 1200V Fast Recovery Diode in a INT-A-Pak package 1400V Fast Recovery Diode in a INT-A-Pak package 1000V Fast Recovery Diode in a INT-A-Pak package
|
International Rectifier
|
RJU60C3WDPP-M0 RJU60C3WDPP-M0T2 |
600V - 60A - Dual Diode Fast Recovery Diode
|
Renesas Electronics Corporation
|
HFA40HF60C |
600V 30A Hi-Rel Ultra-Fast Common Cathode Diode in a SMD-1 package Ultrafast, Soft Recovery Diode
|
International Rectifier
|
1FI150B-060 |
600V / 150A 1 in one-package FAST RECOVERY DIODE MODULE
|
List of Unclassifed Manufacturers ETC
|